? 2003 ixys all rights reserved 1 - 1 v rsm v rrm type v v 600 600 dsei 36-06as symbol test conditions maximum ratings i frms t vj = t vjm 70 a i favm ?? t c = 85 c; rectangular, d = 0.5 37 a i frm t p < 10 s; rep. rating, pulse width limited by t vjm 375 a i fsm t vj = 45 c; t = 10 ms (50 hz), sine 300 a t = 8.3 ms (60 hz), sine 320 a t vj = 150 c; t = 10 ms (50 hz), sine 260 a t = 8.3 ms (60 hz), sine 280 a i 2 t t vj = 45 c t = 10 ms (50 hz), sine 450 a 2 s t = 8.3 ms (60 hz), sine 420 a 2 s t vj = 150 c; t = 10 ms (50 hz), sine 340 a 2 s t = 8.3 ms (60 hz), sine 320 a 2 s t vj -40...+150 c t vjm 150 c t stg -40...+150 c p tot t c = 25 c 125 w weight 2g symbol test conditions characteristic values typ. max. i r t vj = 25 cv r = v rrm 100 a t vj = 25 cv r = 0.8 ? v rrm 50 a t vj = 125 cv r = 0.8 v rrm 7ma v f i f = 37 a; t vj = 150 c 1.4 v t vj =25 c 1.6 v v t0 for power-loss calculations only 1.01 v r t t vj = t vjm 7.1 m r thjc 1.0 k/w t rr i f = 1 a; -di/dt = 100 a/ s; v r = 30 v; t vj = 25 c35 50 ns i rm v r = 350 v; i f = 30 a; -di f /dt = 240 a/ s1011a l 0.05 h; t vj = 100 c characteristic curves are located in the data sheet dsei 30-06a. i favm rating includes reverse blocking losses at t vjm , v r = 0.8 v rrm , duty cycle d = 0.5 data according to iec 60747 ixys reserves the right to change limits, test conditions and dimensions dsei 36 v rrm = 600 v i favm = 37 a t rr = 35 ns dim. millimeter inches min. max. min. max. a 4.06 4.83 .160 .190 a1 2.03 2.79 .080 .110 b 0.51 0.99 .020 .039 b2 1.14 1.40 .045 .055 c 0.46 0.74 .018 .029 c2 1.14 1.40 .045 .055 d 8.64 9.65 .340 .380 d1 7.11 8.13 .280 .320 e 9.65 10.29 .380 .405 e1 6.86 8.13 .270 .320 e 2.54 bsc .100 bsc l 14.61 15.88 .575 .625 l1 2.29 2.79 .090 .110 l2 1.02 1.40 .040 .055 l3 1.27 1.78 .050 .070 l4 0 0.38 0 .015 r 0.46 0.74 .018 .029 to-263 aa outline features international standard surface mount package jedec to-263 aa planar passivated chips very short recovery time extremely low switching losses low i rm -values soft recovery behaviour epoxy meets ul 94v-0 fast recovery epitaxial diode (fred) a c to-263 aa a = anode, c = cathode, tab = cathode a a c (tab) 316
|